Part Number Hot Search : 
RS6T273S RT919 IRF520 12S15 UA760HM 087898 ZMM5229B IN4743
Product Description
Full Text Search
 

To Download MDP01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDP 01, 03, 05
Vishay Dale
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
FEATURES
* 0.160" [4.06 mm] maximum seated height and rugged, molded case construction * Thick film resistive elements * Low temperature coefficient (- 55 C to + 125 C) 100 ppm/C * Reduces total assembly costs * Compatible with automatic insertingequipment * Wide resistance range (10 to 2.2 M) * Uniform performance characteristics * Available in tube pack * Lead (Pb)-free version is RoHS compliant
Available
e1
RoHS*
COMPLIANT
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL/ NO. OF PINS MDP 14 SCHEMATIC RESISTOR POWER RATING Max. AT 70 C W 0.125 0.250 0.125 RESISTANCE RANGE STANDARD TOLERANCE % TEMPERATURE TCR COEFFICIENT TRACKING** (- 55 C to + 125 C) (- 55 C to + 125 C) ppm/C ppm/C 100 50 50 100 50 50 100 WEIGHT g 1.3
01 03 05
10 - 2.2M 10 - 2.2M 2 ( 1, 5)*** Consult factory
01 0.125 10 - 2.2M 03 0.250 10 - 2.2M 2 ( 1, 5)*** 05 0.125 Consult factory * For resistor power ratings at + 25 C see derating curves ** Tighter tracking available *** 1 % and 5 % tolerences available on request MDP 16
100
1.5
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MDP1403100RGD04 (preferred part numbering format)
M
GLOBAL MODEL MDP
D
P
1
4
0
3
1
0
0
R
G
D
0
4
SPECIAL Blank = Standard (Dash Number) (up to 3 digits) From 1-999 as applicable
RESISTANCE TOLERANCE VALUE CODE 14 = 14 Pin 01 = Bussed R = Decimal F=1% G=2% 16 = 16 Pin 03 = Isolated K =Thousand 00 = Special M = Million J=5% 10R0 = 10 S = Special 680K = 680 k 1M00 = 1.0 M Historical Part Number example: MDP1403101G (will continue to be accepted)
PIN COUNT
SCHEMATIC
PACKAGING E04 = Lead (Pb)-free, Tube D04 = Tin/Lead,Tube
MDP
HISTORICAL MODEL
14
PIN COUNT
03
SCHEMATIC
101
RESISTANCE VALUE
G
TOLERANCE CODE
D04
PACKAGING
New Global Part Numbering: MDP1405121CGD04 (preferred part numbering format)
M
GLOBAL MODEL MDP
D
P
1
4
0
5
1
2
1
C
G
D
0
4
SPECIAL Blank = Standard (Dash Number) (up to 3 digits) From 1-999 as applicable
RESISTANCE TOLERANCE VALUE CODE 14 = 14 Pin 05 = Dual 3 digit F=1% G=2% 16 = 16 Pin Terminator Impedance code followed by J=5% Alpha modifier (see Impedence codes table) Historical Part Number example: MDP1405221271G (will continue to be accepted)
PIN COUNT
SCHEMATIC
PACKAGING E04 = Lead (Pb)-free, Tube D04 = Tin/Lead,Tube
MDP
HISTORICAL MODEL
14
PIN COUNT
05
SCHEMATIC
221
RESISTANCE VALUE 1
271
RESISTANCE VALUE 2
G
TOLERANCE CODE
D04
PACKAGING
* Pb containing terminations are not RoHS compliant, exemptions may apply www.vishay.com 1 For technical questions contact: ff2aresistors@vishay.com Document Number: 31511 Revision: 28-Jul-06
MDP 01, 03, 05
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
DIMENSIONS in inches [millimeters]
A 0.010 [0.254] 0.120 0.005 [3.05 0.127] 0.310 0.010 [7.87 0.254] 0.250 0.005 [6.35 0.127] Pin #1 Identification Pin #1
0.030 [0.762] Typ.
Vishay Dale
0.075 0.015 [1.90 0.381] 0.100 0.010 [2.54 0.254] Non-Accumulative Tol. "C" Spaces
0.018 0.003 [0.457 0.076]
0.130 + 0.015 - 0.010 [3.30 + 0.381 - 0.254] 0.050 0.005 [1.27 0.127]
0.010 + 0.005 - 0.002 [0.254 + 0.127 - 0.051] 0.290 Min. 0.320 Nom. 0.360 Max. [7.37 Min. 8.13 Nom. 9.14 Max.]
B 0.010 [0.254]
GLOBAL MODEL MDP 14 MDP 16
A 0.750 [19.05] 0.850 [21.59]
B 0.600 [15.24] 0.700 [17.78]
C 6 7
TECHNICAL SPECIFICATIONS
PARAMETER Package Power Rating (Maximum at + 70 C) Voltage Coefficient of Resistance Dielectric Strength Insulation Resistance Operating Temperature Range Storage Temperature Range UNIT W Veff VAC C C MDP14 1.73 < 50 ppm typical 200 > 10 000M minimum - 55 to + 125 - 55 to + 150 MDP16 1.92
MECHANICAL SPECIFICATIONS
Marking Resistance to Solvents: Solderability: Body: Terminals: Weight: Permanency testing per MIL-STD-202, Method 215 Per MIL-STD-202, Method 208E Molded epoxy Solder plated leads 14 pin = 1.3 grams; 16 pin = 1.5 grams
Document Number: 31511 Revision: 28-Jul-06
For technical questions contact: ff2aresistors@vishay.com
www.vishay.com 2
MDP 01, 03, 05
Vishay Dale
IMPEDANCE CODES
CODE 500B 750B 800C 990A 101C 111C 121B 121C 131A R1() 82 120 130 160 180 180 180 220 220 R2() 130 200 210 260 240 270 390 270 330 CODE 141A 181A 191A 221B 281B 381B 501C 102A 202B R1() 270 330 330 330 560 560 620 1.5K 3K R2() 270 390 470 680 560 1.2K 2.7K 3.3K 6.2K
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
CIRCUIT APPLICATIONS
01 SCHEMATIC 13 and 15 resistors with one pin common
********
MDP1401 Pin #1 MDP1601
The MDPXX01 circuit provides a choice of 13 and 15 nominally equal resistors, each connected between a common pin (14 and 16) and a discrete PC board pin. Commonly used in the following applications: * MOS/ROM Pull-up/Pull-down * TTL Input Pull-down * Open Collector Pull-up * Digital Pulse Squaring * "Wired OR" Pull-up * TTL Unused Gate Pull-up * Power Driven Pull-up * High Speed Parallel Pull-up
03 SCHEMATIC 7 and 8 isolated resistors The MDPXX03 provides a choice of 7 and 8 nominally equal resistors, each resistor isolated from all others and wired directly across. Commonly used in the following applications: * "Wired OR" Pull-up * Long-line Impedance Balancing * Power Driven Pull-up * LED Current Limiting * Powergate Pull-up * ECL Output Pull-down * Line Termination * TTL Input Pull-down
MDP1403 Pin #1 MDP1603
05 SCHEMATIC TTL dual-line terminator; pulse squaring
R1 R2 R1 R2 R2 R1 R2 R1 R2 R1 R2 R1 R2 R1 R2 R1 R1 R2 R2 R1 R2 R1 R2 R1 R2 R1 R2 R1
The MDPXX05 circuit contains 12 and 14 series pair of resistors. Each series pair is connected between ground and a common line. The junction of these resistor pairs is connected to the input terminals. The 05 circuits are designed for TTL dual-line termination and pulse squaring.
Pin #1
MDP1405, MDP1605
Standard E-24 resistance values stocked. Consult factory
www.vishay.com 3
For technical questions contact: ff2aresistors@vishay.com
Document Number: 31511 Revision: 28-Jul-06
MDP 01, 03, 05
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Vishay Dale
Power Rating (Watts)
3.00 2.70
16 Pin Package 14 Pin Package
Single Resistor 0.380 03
0.190 - 50
01 and 05 + 25 + 70 + 125 + 150
Derating
Ambient Temperature C
PERFORMANCE
TEST Power Conditioning Thermal Shock Short Time Overload Low Temperature Operation Moisture Resistance Resistance to Soldering Heat Shock Vibration Load Life Terminal Strength Insulation Resistance Dielectric Withstanding Voltage CONDITIONS 1.5 rated power, applied 1.5 hours "ON" and 0.5 hour "OFF" for 100 hours 4 hours at + 25 C ambient temperature 5 cycles between - 65 C and + 125 C 2.5 x rated working voltage 5 seconds 45 minutes at full rated working voltage at - 65 C 240 hours with humidity ranging from 80 % RH to 98 % RH Leads immersed in + 350 C solder to within 1/16" of device body for 3 seconds Total of 18 shocks at 100 G's 12 hours at maximum of 20 G's between 10 and 2000 Hz 1000 hours at + 70 C, rated power applied 1.5 hours "ON, 0.5 hour "OFF" for full 1000 hour period. Derated according to the curve. 4.5 pound pull for 30 seconds 10 000 Megohm (minimum) No evidence of arcing or damage (200 VRMS for 1 minute) MAX. R (Typical Test Lots) 0.50 % R 0.50 % R 0.25 % R 0.25 % R 0.50 % R 0.25 % R 0.25 % R 0.25 % R 1.00 % R 0.25 % R -
Document Number: 31511 Revision: 28-Jul-06
For technical questions contact: ff2aresistors@vishay.com
www.vishay.com 4
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MDP01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X